Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLPC Datasheet (PDF) - Littelfuse

Part # KLPC
Description  600 VAC
File Size   460.18 Kbytes
Html View  1   2 
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLPC Datasheet (PDF) - Littelfuse



Similar Part No. - KLPC_12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLPC800.X LITTELFUSE-KLPC800.X Datasheet
499Kb / 2P
CLASS L ??KLPC SERIES FUSES
Rev: 060719
KLPC LITTELFUSE-KLPC_V01 Datasheet
499Kb / 2P
CLASS L ??KLPC SERIES FUSES
Rev: 060719
More results


Similar Description - KLPC_12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
Single Output to 75A 600 Vac
logo
Littelfuse
CCMR LITTELFUSE-CCMR_17 Datasheet
670Kb / 7P
600 Vac
JLS LITTELFUSE-JLS_17 Datasheet
330Kb / 3P
600 VAC ??Fast-Acting ??1-600 A
JTD LITTELFUSE-JTD_16 Datasheet
438Kb / 3P
600 Vac
KLDR LITTELFUSE-KLDR_16 Datasheet
363Kb / 7P
600 Vac
KLK LITTELFUSE-KLK_15 Datasheet
398Kb / 3P
600 Vac/500 Vdc
KLKD LITTELFUSE-KLKD_17 Datasheet
623Kb / 7P
600 Vac/dc
KLKR LITTELFUSE-KLKR_18 Datasheet
208Kb / 2P
600 VAC
KLLU LITTELFUSE-KLLU_12 Datasheet
435Kb / 2P
600 VAC
KLNR LITTELFUSE-KLNR_14 Datasheet
374Kb / 2P
250/600 Vac
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com