Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC-4P-50 Datasheet (PDF) - PHOENIX CONTACT

Part # SAC-4P-50
Description  Easy and safe: 100% electrically tested plug-in components
File Size   112.52 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

SAC-4P-50 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - SAC-4P-50

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SAC-4P-FST PHOENIX-SAC-4P-FST Datasheet
119Kb / 4P
Easy and safe: 100% electrically tested plug-in components
SAC-4P-M12MST PHOENIX-SAC-4P-M12MST Datasheet
124Kb / 5P
Easy and safe: 100% electrically tested plug-in components
SAC-4P-MSS PHOENIX-SAC-4P-MSS Datasheet
131Kb / 5P
High-performance: AC connectors for up to 12 A and 630 V AC
More results


Similar Description - SAC-4P-50

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SAC-4P-FST PHOENIX-SAC-4P-FST Datasheet
119Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1414786 PHOENIX-1414786 Datasheet
116Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1424623 PHOENIX-1424623 Datasheet
116Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1424618 PHOENIX-1424618 Datasheet
102Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1424616 PHOENIX-1424616 Datasheet
113Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1425023 PHOENIX-1425023 Datasheet
116Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1425083 PHOENIX-1425083 Datasheet
119Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1425086 PHOENIX-1425086 Datasheet
107Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1425104 PHOENIX-1425104 Datasheet
119Kb / 4P
Easy and safe: 100% electrically tested plug-in components
1520343 PHOENIX-1520343 Datasheet
123Kb / 5P
Easy and safe: 100% electrically tested plug-in components
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com