Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1424404 Datasheet (PDF) - PHOENIX CONTACT

Part # 1424404
Description  Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 80 mm, cable gland: none, support sleeve: no, 1x M32, Standard
File Size   62.02 Kbytes
Html View  1   2   3 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1424404 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 1424404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424400 PHOENIX-1424400 Datasheet
67Kb / 3P
Protective covers - HC-STA-D25-HCLWS-PL-BK
1424401 PHOENIX-1424401 Datasheet
64Kb / 3P
Protective cover D25, for single locking latch, protective cover material: PC, height: 19 mm
1424402 PHOENIX-1424402 Datasheet
62Kb / 3P
Housing - HC-STA-D50-HLFD-1STM25-EL-AL
1424403 PHOENIX-1424403 Datasheet
62Kb / 3P
Housing - HC-STA-D50-HHFD-1STM25-EL-AL
1424405 PHOENIX-1424405 Datasheet
61Kb / 3P
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 60 mm, cable gland: Pg21, support sleeve: no, 1x Pg21, Standard
More results


Similar Description - 1424404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424345 PHOENIX-1424345 Datasheet
62Kb / 3P
Sleeve housing D15, for single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 56 mm, cable gland: none, support sleeve: no, 1x M20, Standard
1424347 PHOENIX-1424347 Datasheet
63Kb / 3P
Sleeve housing D15, for single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 56 mm, cable gland: none, support sleeve: no, 1x Pg16, Standard
1424349 PHOENIX-1424349 Datasheet
63Kb / 3P
Sleeve housing D15, for single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 68 mm, cable gland: none, support sleeve: no, 1x Pg21, Standard
1424376 PHOENIX-1424376 Datasheet
62Kb / 3P
Sleeve housing D25, for single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 56 mm, cable gland: none, support sleeve: no, 1x M20, Standard
1424405 PHOENIX-1424405 Datasheet
61Kb / 3P
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 60 mm, cable gland: Pg21, support sleeve: no, 1x Pg21, Standard
1424407 PHOENIX-1424407 Datasheet
62Kb / 3P
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 80 mm, cable gland: Pg29, support sleeve: no, 1x Pg29, Standard
1424408 PHOENIX-1424408 Datasheet
64Kb / 3P
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 80 mm, cable gland: none, support sleeve: no, 1x M25, Standard
1424409 PHOENIX-1424409 Datasheet
62Kb / 3P
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 80 mm, cable gland: none, support sleeve: no, 1x M32, Standard
1424410 PHOENIX-1424410 Datasheet
61Kb / 3P
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 80 mm, cable gland: Pg21, support sleeve: no, 1x Pg21, Standard
1424411 PHOENIX-1424411 Datasheet
61Kb / 3P
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 80 mm, cable gland: Pg29, support sleeve: no, 1x Pg29, Standard
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com