Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2905350 Datasheet (PDF) - PHOENIX CONTACT

Part # 2905350
Description  Extremely narrow design, just 12 mm per position
File Size   91.84 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2905350 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2905350

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2905351 PHOENIX-2905351 Datasheet
95Kb / 6P
Extremely narrow design, just 12 mm per position
2905353 PHOENIX-2905353 Datasheet
123Kb / 9P
Type 2 surge arrester - VAL-SEC-T2-3C-175-FM
09/11/2020
2905354 PHOENIX-2905354 Datasheet
97Kb / 6P
High continuous voltage of 175 V AC for 120/208 V AC networks with high voltage fluctuations
2905355 PHOENIX-2905355 Datasheet
81Kb / 4P
Replacement plug for surge arresters from the VALVETRAB SEC product range for L-N and L-PEN paths.
2905356 PHOENIX-2905356 Datasheet
295Kb / 8P
VAL-SEC-T2-N/PE-175-P - Type 2 surge protection plug
More results


Similar Description - 2905350

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3382 BOURNS-3382 Datasheet
297Kb / 3P
12 mm Rotary Position Sensor
3382 BOURNS-3382_12 Datasheet
340Kb / 3P
12 mm Rotary Position Sensor
logo
CTS Corporation
766163220G CTS-766163220G Datasheet
99Kb / 4P
Narrow Body Design
766163330G CTS-766163330G Datasheet
99Kb / 4P
Narrow Body Design
766 CTS-766_16 Datasheet
99Kb / 4P
Narrow Body Design
logo
A-Data Technology
HC660 A-DATA-HC660 Datasheet
403Kb / 2P
Ultra-slim design at just 9.6mm
logo
PHOENIX CONTACT
REL-OR-24DC PHOENIX-REL-OR-24DC Datasheet
109Kb / 4P
Extremely rugged design
PLC-BPT-TTL PHOENIX-PLC-BPT-TTL Datasheet
122Kb / 10P
6.2 mm narrow design width
PLC-SP-S PHOENIX-PLC-SP-S Datasheet
105Kb / 5P
Just 6.2 mm wide
2905351 PHOENIX-2905351 Datasheet
95Kb / 6P
Extremely narrow design, just 12 mm per position
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com