Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2200159 Datasheet (PDF) - PHOENIX CONTACT

Part # 2200159
Description  Lateral element (right) with mounting foot for DIN rails for UM-PRO profiles for PCB the width of 108 mm
File Size   55.72 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200159 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2200159

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
220015-3 MACOM-220015-3 Datasheet
616Kb / 6P
Heavy Head Hand Crimping Tools (HHHT)
logo
PHOENIX CONTACT
2200151 PHOENIX-2200151 Datasheet
192Kb / 6P
UM-PRO 72 COVER-L BK - Lateral element
2200152 PHOENIX-2200152 Datasheet
195Kb / 6P
UM-PRO 72 COVER-R BK - Lateral element
2200153 PHOENIX-2200153 Datasheet
45Kb / 2P
Components of electronic housing - UM-PRO 72 FOOT BK
2200155 PHOENIX-2200155 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
More results


Similar Description - 2200159

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202023 PHOENIX-2202023 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO 108 FOOT KMGY
2200160 PHOENIX-2200160 Datasheet
45Kb / 2P
Mounting foot for 122 mm UM-PRO profiles for mounting on DIN rails
2200161 PHOENIX-2200161 Datasheet
54Kb / 2P
PE contact for UM-PRO panel mounting base for connecting the PCB to the DIN rail at level 1
2200164 PHOENIX-2200164 Datasheet
56Kb / 2P
Locking element for locking the PCB onto UM-PRO housing at level 1
2959353 PHOENIX-2959353 Datasheet
59Kb / 3P
Side element, right, with foot, width: 5 mm, width: 72 mm, for mounting on NS 32 or NS 35/7.5
2200157 PHOENIX-2200157 Datasheet
94Kb / 7P
Foot element - UM-PRO 108 FOOT BK
09/12/2020
logo
FIBOX Enclosing innovat...
8243020 FIBOX-8243020 Datasheet
36Kb / 1P
Mounting Frame with DIN-rails, for enclosures
26.07.2023
8245040 FIBOX-8245040 Datasheet
36Kb / 1P
Mounting Frame with DIN-rails, for enclosures
26.07.2023
8247050 FIBOX-8247050 Datasheet
36Kb / 1P
Mounting Frame with DIN-rails, for enclosures
26.07.2023
8248060 FIBOX-8248060 Datasheet
36Kb / 1P
Mounting Frame with DIN-rails, for enclosures
26.07.2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com