Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2200948 Datasheet (PDF) - PHOENIX CONTACT

Part # 2200948
Description  Panel mounting base, Front plate, Color: aluminum, Width: 200 mm, Constructional height: 2 mm
File Size   43.1 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200948 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2200948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200940 PHOENIX-2200940 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 200 mm
2200941 PHOENIX-2200941 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 235 mm
2200942 PHOENIX-2200942 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 990 mm
2200943 PHOENIX-2200943 Datasheet
43Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 42.5 mm, Constructional height: 2 mm
2200944 PHOENIX-2200944 Datasheet
43Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 60 mm, Constructional height: 2 mm
More results


Similar Description - 2200948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200925 PHOENIX-2200925 Datasheet
42Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 42.5 mm, Constructional height: 2 mm
2200928 PHOENIX-2200928 Datasheet
42Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 130 mm, Constructional height: 2 mm
2200943 PHOENIX-2200943 Datasheet
43Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 42.5 mm, Constructional height: 2 mm
2200944 PHOENIX-2200944 Datasheet
43Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 60 mm, Constructional height: 2 mm
2200945 PHOENIX-2200945 Datasheet
43Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 95 mm, Constructional height: 2 mm
2200946 PHOENIX-2200946 Datasheet
43Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 130 mm, Constructional height: 2 mm
2200947 PHOENIX-2200947 Datasheet
43Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 165 mm, Constructional height: 2 mm
2200949 PHOENIX-2200949 Datasheet
43Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 235 mm, Constructional height: 2 mm
2200950 PHOENIX-2200950 Datasheet
43Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 990 mm, Constructional height: 2 mm
2202102 PHOENIX-2202102 Datasheet
52Kb / 2P
Panel mounting base, length: 990 mm, Front plate, color: aluminum color, width: 101.8 mm, height: 2 mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com