Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2700136 Datasheet (PDF) - PHOENIX CONTACT

Part # 2700136
Description  Buzzer element, continuous/pulse tone, 24 V AC/DC, max. 85 dB(A)
File Size   135.87 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700136 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2700136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700130 PHOENIX-2700130 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
2700131 PHOENIX-2700131 Datasheet
258Kb / 7P
PSD-S OE LED BU - Optical element
2700132 PHOENIX-2700132 Datasheet
138Kb / 5P
LED blinking light element, 24혻V혻AC/DC
2700134 PHOENIX-2700134 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700135 PHOENIX-2700135 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
More results


Similar Description - 2700136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700107 PHOENIX-2700107 Datasheet
66Kb / 3P
LED permanent light element, 24 V AC/DC, red
2700116 PHOENIX-2700116 Datasheet
178Kb / 5P
LED rotating light element, 24 V AC/DC
2700125 PHOENIX-2700125 Datasheet
178Kb / 5P
LED rotating light element, 24 V AC/DC
2700127 PHOENIX-2700127 Datasheet
134Kb / 5P
LED permanent light element, 24 V AC/DC
2700137 PHOENIX-2700137 Datasheet
134Kb / 5P
Siren element, pulse tone, 24 V DC, self-regulating volume, max. 100 dB(A)
2700138 PHOENIX-2700138 Datasheet
138Kb / 6P
Siren element, 8 tones, 24 V AC/DC, max. 100 dB(A)
2700139 PHOENIX-2700139 Datasheet
131Kb / 5P
Siren element, alternating, 24 V DC, max. 105 dB(A)
logo
Schneider Electric
XVR12B05S SCHNEIDER-XVR12B05S Datasheet
140Kb / 4P
Harmony XVR, Rotating beacon, 횠120, orange, with buzzer 50??0 dB, 24 V AC/DC
May 24, 2021
XVR12B04S SCHNEIDER-XVR12B04S Datasheet
154Kb / 4P
Harmony XVR, Rotating beacon, 횠120, red, with buzzer 50??0 dB, 24 V AC/DC
May 24, 2021
XB5KSB SCHNEIDER-XB5KSB Datasheet
128Kb / 5P
continuous or intermittent buzzer 24v ac/dc
Aug 11, 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com