| Manufacturer | Part # | Datasheet | Description |
 List of Unclassifed Man... |
CZ80PIO
|
165Kb / 4P |
Hereinafter Referred to As PIO, is a Dual-Port Device
|
 SUYIN USA, INC. |
020122MR008SX14ZX
|
90Kb / 1P |
USB SERIES A TYPE R/A DUAL PORT DIP TYPE
|
 Ralston Instruments. |
QTHA-HNS0
|
281Kb / 1P |
Connects through the bleeder screw port on a DP transmitter
|
 Assmann Electronics Inc... |
DA-70158
|
256Kb / 2P |
Connects up to two serial devices simultaneously via USB-Port to a PC
|
|
DA-70159
|
263Kb / 2P |
Connects up to four serial devices simultaneously via USB-Port to a PC
|
 STMicroelectronics |
AN2421
|
79Kb / 6P |
Using the STMPE801 as a keypad controller
20-Nov-2006 |
 Xilinx, Inc |
DS789
|
462Kb / 12P |
Connects as a 32-bit slave on AXI4-Lite Interface
|
 PHOENIX CONTACT |
2701124
|
69Kb / 3P |
Ethernet communication module. Allows the Nanoline controller to be connected to an Ethernet, operating as a Modbus TCP Server.
|
|
2701373
|
43Kb / 2P |
Card to simulate resistor outputs on a Nanoline base unit
|
 Schneider Electric |
XBTZGUSB
|
105Kb / 2P |
remote USB type A port - 1 m
May 2, 2022 |