Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2713645 Datasheet (PDF) - PHOENIX CONTACT

Part # 2713645
Description  DIN rail connector, nominal current: 8 A, number of positions: 5, pitch: 3.81 mm, color: light gray
File Size   67.12 Kbytes
Html View  1   2   3 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2713645 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2713645

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2713609 PHOENIX-2713609 Datasheet
245Kb / 11P
Plug-in connection with screw, spring-cage or fast connection technology
2713612 PHOENIX-2713612 Datasheet
57Kb / 3P
Optional with bus connector for DIN rail mounting as well as power connection system
2713625 PHOENIX-2713625 Datasheet
228Kb / 9P
Fixed or plug-in connection technology can be combined on up to three connection levels, with different pitches
2713638 PHOENIX-2713638 Datasheet
138Kb / 12P
Available in overall widths from 6.2 mm to 90 mm, modular extension is possible
2713670 PHOENIX-2713670 Datasheet
254Kb / 10P
Plug-in connection with screw, spring-cage or fast connection technology
More results


Similar Description - 2713645

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1714765 PHOENIX-1714765 Datasheet
64Kb / 2P
PCB connector, number of positions: 32, pitch: 6.35 mm, color: light gray, contact surface: Tin
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
, rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
Connector housing, Number of positions: 1, Color: gray
2890179 PHOENIX-2890179 Datasheet
47Kb / 3P
Complete housing, Cross connection: DIN rail bus connector, Color: light gray, Width: 45 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5
2896283 PHOENIX-2896283 Datasheet
84Kb / 3P
DIN rail connector, nominal current: 3 A, number of positions: 16, pitch: 2.54 mm, color: jet black
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com