Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0174C Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0174C
Description  SAW Filter 2140 MHz 60MHz Bw for Mobile Communication
File Size   693.85 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0174C Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA0174C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0174A TAI-SAW-TA0174A Datasheet
543Kb / 6P
SAW Filter 2140 MHz for Mobile Communication
logo
Golledge Electronics Lt...
TA0174A GOLLEDGE-TA0174A Datasheet
286Kb / 6P
SAW Filter for Mobile Communication 2140MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0174B TAI-SAW-TA0174B Datasheet
447Kb / 7P
SAW Filter 2140 MHz for Mobile Communication
TA0174G TAI-SAW-TA0174G Datasheet
428Kb / 7P
SAW Filter 2140 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
TA0174G GOLLEDGE-TA0174G Datasheet
261Kb / 5P
SAW Filter 2140MHz
More results


Similar Description - TA0174C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0174A TAI-SAW-TA0174A Datasheet
543Kb / 6P
SAW Filter 2140 MHz for Mobile Communication
TA0218A TAI-SAW-TA0218A Datasheet
402Kb / 7P
SAW Filter 942.5 MHz for Mobile Communication
TA0319A TAI-SAW-TA0319A Datasheet
388Kb / 6P
SAW Filter 1960 MHz for Mobile Communication
TA0206A TAI-SAW-TA0206A Datasheet
557Kb / 6P
SAW Filter 1842.5 MHz for Mobile Communication
TA0231A TAI-SAW-TA0231A Datasheet
398Kb / 7P
SAW Filter 942.5 MHz for Mobile Communication
TA1842FG TAI-SAW-TA1842FG Datasheet
146Kb / 7P
RF SAW Filter 1842.5 MHz 75MHz Bw for Mobile Communication
TA0174B TAI-SAW-TA0174B Datasheet
447Kb / 7P
SAW Filter 2140 MHz for Mobile Communication
TA0175B TAI-SAW-TA0175B Datasheet
430Kb / 7P
SAW Filter 1960 MHz for Mobile Communication
TA0401B TAI-SAW-TA0401B Datasheet
729Kb / 8P
SAW Filter 1950 MHz for Mobile Communication
TA0685A TAI-SAW-TA0685A Datasheet
387Kb / 9P
SAW Filter 1747.5 MHz for Mobile Communication
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com