Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2901536 Datasheet (PDF) - PHOENIX CONTACT

Part # 2901536
Description  Digital I/O extension module with 4 digital relay outputs (5 A, 250 V AC/ 24 V DC), with screw connection, incl. DIN rail connector
File Size   816.28 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2901536 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2901536

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901533 PHOENIX-2901533 Datasheet
804Kb / 11P
I/O extension module - RAD-DAIO6-IFS
2901535 PHOENIX-2901535 Datasheet
805Kb / 9P
Digital I/O extension module with 4 digital inputs (0...250 V AC/DC), with screw connection, incl. DIN rail connector
2901537 PHOENIX-2901537 Datasheet
801Kb / 9P
Analog extension module with 4 analog current inputs (0/4 mA ... 20 mA), with screw connection, incl. DIN rail connector
2901538 PHOENIX-2901538 Datasheet
799Kb / 10P
Analog I/O extension module with 4 analog current/voltage outputs (0/4 mA ... 20 mA, 0...10 V), with screw connection, incl. DIN rail connector
2901538 PHOENIX-2901538 Datasheet
660Kb / 15P
RAD-PT100-4-IFS
More results


Similar Description - 2901536

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2867157 PHOENIX-2867157 Datasheet
68Kb / 3P
Digital extension module with 8 digital outputs
2901535 PHOENIX-2901535 Datasheet
805Kb / 9P
Digital I/O extension module with 4 digital inputs (0...250 V AC/DC), with screw connection, incl. DIN rail connector
2901537 PHOENIX-2901537 Datasheet
801Kb / 9P
Analog extension module with 4 analog current inputs (0/4 mA ... 20 mA), with screw connection, incl. DIN rail connector
2901538 PHOENIX-2901538 Datasheet
799Kb / 10P
Analog I/O extension module with 4 analog current/voltage outputs (0/4 mA ... 20 mA, 0...10 V), with screw connection, incl. DIN rail connector
logo
Schneider Electric
SR3XT101B SCHNEIDER-SR3XT101B_V01 Datasheet
341Kb / 6P
Discrete I/O extension module, Zelio Logic, 10 I/O, 24 V AC
Mar 23, 2022
SR3XT141B SCHNEIDER-SR3XT141B Datasheet
343Kb / 6P
Discrete I/O extension module, Zelio Logic, 14 I/O, 24 V AC
Mar 23, 2022
SR3XT141BD SCHNEIDER-SR3XT141BD Datasheet
259Kb / 6P
Discrete I/O extension module, Zelio Logic, 14 I/O, 24 V DC
Mar 23, 2022
SR3XT43BD SCHNEIDER-SR3XT43BD Datasheet
227Kb / 6P
Analogue I/O extension module, Zelio Logic, 4 I/O, 24 V DC
Mar 23, 2022
SR3XT61B SCHNEIDER-SR3XT61B_V01 Datasheet
307Kb / 6P
Discrete I/O extension module, Zelio Logic, 6 I/O, 24 V AC
Mar 23, 2022
TM5SDO4R SCHNEIDER-TM5SDO4R Datasheet
242Kb / 7P
Discrete output module, Modicon TM5, digital 4O, 30 V DC/230 V AC, 5 A, relay, 4 C/O
Apr 6, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com