| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
2903102
|
47Kb / 3P |
SmartWire DT??digital module for connecting digital input signals, 4 inputs (24 V DC, 3-wire connection).
|
|
2903113
|
51Kb / 3P |
SmartWire DT??power feed module for supplying further SmartWire DT??devices.
|
 WAGO Kontakttechnik Gmb... |
750-537-040-000
|
491Kb / 11P |
8-channel digital output; 24 VDC; 0.5 A; Diagnostics; Extreme
|
|
750-537
|
550Kb / 12P |
8-channel digital output; 24 VDC; 0.5 A; Diagnostics
|
|
750-530
|
453Kb / 12P |
8-channel digital output; 24 VDC; 0.5 A
|
|
750-530-025-000
|
437Kb / 11P |
8-channel digital output; 24 VDC; 0.5 A; Ext. Temperature
|
|
750-1506
|
574Kb / 13P |
8-channel digital input/output; 24 VDC; 0.5 A
|
 Wall Industries,Inc. |
763-1508
|
352Kb / 6P |
8-channel digital output; 24 VDC 0.5 A; High-Speed
|
 PHOENIX CONTACT |
2688381
|
218Kb / 14P |
Axioline F digital output module, 8 outputs, 24 V DC, 2 A, 2-wire connection technology
|
 Siemens Semiconductor G... |
6ES7132-6BF01-0AA0
|
191Kb / 3P |
Digital Output Module, 8 Outputs, 24 VDC
3/29/2023 |