Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1306A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1306A
Description  SAW Filter 921.5 MHz
File Size   387.22 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1306A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA1306A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA130-155-49-32 TRANSCOM-TA130-155-49-32 Datasheet
30Kb / 1P
13 - 15.5 GHz 2W Amplifiers
logo
TAI-SAW TECHNOLOGY CO.,...
TA1300A TAI-SAW-TA1300A Datasheet
481Kb / 6P
SAW Filter 832 MHz
logo
Transko Electronics, In...
TA1300BP TRANSKO-TA1300BP Datasheet
403Kb / 4P
Wireless, RF SAW Filter
Revision 0: July 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA1301A TAI-SAW-TA1301A Datasheet
480Kb / 6P
SAW Filter 850 MHz
TA1302A TAI-SAW-TA1302A Datasheet
372Kb / 6P
SAW Filter 674 MHz
More results


Similar Description - TA1306A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
RF Monolithics, Inc
SF2259H RFM-SF2259H Datasheet
473Kb / 5P
921.5 MHz SAW Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2259H MURATA-SF2259H Datasheet
473Kb / 5P
921.5 MHz SAW Filter
logo
TriQuint Semiconductor
856905 TRIQUINT-856905_15 Datasheet
445Kb / 5P
921.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1164A TAI-SAW-TA1164A Datasheet
316Kb / 8P
SAW Filter 921.5 MHz 7MHz BW
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com