Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2440B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2440B
Description  SAW Filter 740 MHz
File Size   1055.66 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA2440B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA2440B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA2441AM TRANSKO-TA2441AM Datasheet
441Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: August 2004
logo
TAI-SAW TECHNOLOGY CO.,...
TA2441B TAI-SAW-TA2441B Datasheet
496Kb / 9P
SAW Filter 782 MHz
logo
Transko Electronics, In...
TA2441BM TRANSKO-TA2441BM Datasheet
459Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: April 2012
TA2441CM TRANSKO-TA2441CM Datasheet
475Kb / 4P
Bluetooth, RF SAW Filter
Revision 0: May 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA2442A TAI-SAW-TA2442A Datasheet
803Kb / 6P
SAW Filter 1592.5 MHz
More results


Similar Description - TA2440B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0882A TAI-SAW-TA0882A Datasheet
404Kb / 7P
SAW Filter 740 MHz
logo
TriQuint Semiconductor
856931 TRIQUINT-856931 Datasheet
748Kb / 9P
710/740 MHz Duplexer
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TriQuint Semiconductor
857182 TRIQUINT-857182_15 Datasheet
739Kb / 9P
710/740 MHz SAW Duplexer
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com