Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX2M Datasheet (PDF) - Radiometrix Ltd

Part # VX2M
Description  NBFM Vibration resistant Category 1 Multi-channel Transceiver
File Size   769.41 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

VX2M Datasheet (PDF) - Radiometrix Ltd



Similar Part No. - VX2M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VX201700CHM3/P VISHAY-VX201700CHM3/P Datasheet
124Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 5.0 A
04-Nov-2020
VX20170C VISHAY-VX20170C Datasheet
124Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 5.0 A
04-Nov-2020
VX20170C-M3/P VISHAY-VX20170C-M3/P Datasheet
124Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 5.0 A
04-Nov-2020
VX20202C VISHAY-VX20202C Datasheet
126Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 5.0 A
04-Nov-2020
VX20202C-M3/P VISHAY-VX20202C-M3/P Datasheet
126Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.58 V at IF = 5.0 A
04-Nov-2020
More results


Similar Description - VX2M

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
NBFM Multi-channel 500mW UHF Transceiver
HVR2 RADIOMETRIX-HVR2 Datasheet
420Kb / 7P
UHF Narrow Band FM Vibration Resistant Multi Channel Receiver
RMX2 RADIOMETRIX-RMX2_12 Datasheet
467Kb / 12P
NBFM Direct Interface Multi Channel Transceiver
ENX1 RADIOMETRIX-ENX1 Datasheet
264Kb / 11P
VHF 12.5kHz channel NBFM TRANSCEIVER
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
NBFM Multi-channel 500mW UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
NBFM Multi-channel UHF Transceiver
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
500mW NBFM Multi-channel UHF Transceiver
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
Vibration and shock resistant
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com