Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WNMD2172 Datasheet (PDF) - Will Semiconductor Ltd.

Part # WNMD2172
Description  Dual N-Channel, 20V, 7.0A, Power MOSFET
File Size   1932.28 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNMD2172 Datasheet (PDF) - Will Semiconductor Ltd.



Similar Part No. - WNMD2172

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNMD2171 WILLSEMI-WNMD2171 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
WNMD2171-4/TR WILLSEMI-WNMD2171-4/TR Datasheet
2Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
WNMD2173 WILLSEMI-WNMD2173 Datasheet
3Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
WNMD2173-4/TR WILLSEMI-WNMD2173-4/TR Datasheet
3Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
WNMD2174 WILLSEMI-WNMD2174 Datasheet
2Mb / 8P
Dual N-Channel, 12V, 6A, Power MOSFET
More results


Similar Description - WNMD2172

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87008DQT INTERSIL-ITF87008DQT Datasheet
203Kb / 13P
7.0A, 20V, 0.023 Ohm, Dual N-Channel, 2.5V Specified Power MOSFET
March 2000
logo
Unisonic Technologies
7N75 UTC-7N75 Datasheet
177Kb / 6P
7.0A, 750V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ7N80 DGNJDZ-NJ7N80 Datasheet
684Kb / 6P
7.0A 800V N-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
GWS4621L RENESAS-GWS4621L Datasheet
524Kb / 8P
Dual 20V N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WNMD2090 WILLSEMI-WNMD2090 Datasheet
5Mb / 6P
Dual N-Channel, 20V, 0.62A, Power MOSFET
WNMD2158 WILLSEMI-WNMD2158 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2162 WILLSEMI-WNMD2162 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 4.8A, Power MOSFET
WNMD2173 WILLSEMI-WNMD2173 Datasheet
3Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
logo
KIA Semiconductor Techn...
7N60H KIA-7N60H Datasheet
280Kb / 6P
7.0A,600V N-CHANNEL MOSFET
logo
Nanjing International G...
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
7.0A 650V N-CHANNEL POWER MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com