Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA5402A Datasheet (PDF) - Rohm

Part # BA5402A
Description  12V-4.2W Dual Power Amplifier
File Size   89.78 Kbytes
Html View  1   2   3 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5402A Datasheet (PDF) - Rohm



Similar Part No. - BA5402A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5404 ROHM-BA5404 Datasheet
204Kb / 2P
ICs FOR AUDIO APPLICATIONS
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
12V / 5W dual power amplifier
BA5406 ROHM-BA5406 Datasheet
160Kb / 5P
5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
899Kb / 9P
5W5W Stereo Speaker Amplifiers
BA5406 ROHM-BA5406 Datasheet
636Kb / 11P
5W5W Stereo Speaker Amplifiers
More results


Similar Description - BA5402A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5406 ROHM-BA5406 Datasheet
137Kb / 5P
12V / 5W dual power amplifier
logo
NEC
UPC1277H NEC-UPC1277H Datasheet
427Kb / 5P
4.2W DUAL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1626 NTE-NTE1626 Datasheet
79Kb / 2P
Integrated Circuit 4.2W Dual Audio Power Amplifier
NTE1363 NTE-NTE1363 Datasheet
80Kb / 2P
Integrated Circuit Audio Power Amp, 4.2W
logo
National Semiconductor ...
LMV641 NSC-LMV641 Datasheet
1Mb / 18P
10 MHz, 12V, Low Power Amplifier
logo
Rohm
QS6J11TR ROHM-QS6J11TR Datasheet
604Kb / 12P
Dual Pch -12V -2.0A Power MOSFET
logo
Texas Instruments
LMV641 TI-LMV641_15 Datasheet
1Mb / 27P
LMV641 10 MHz, 12V, Low Power Amplifier
logo
Will Semiconductor Ltd.
WNMD2183 WILLSEMI-WNMD2183 Datasheet
1Mb / 8P
Dual N-Channel, 12V, 14A, Power MOSFET
logo
Rohm
BA536 ROHM-BA536 Datasheet
132Kb / 2P
12V/4.5W Dual Power Amplifier
BA5408 ROHM-BA5408 Datasheet
176Kb / 3P
12V-5W Dual Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com