| Manufacturer | Part # | Datasheet | Description |
 ABLIC Inc. |
S-19212B
|
960Kb / 60P |
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00 |
|
S-19213
|
771Kb / 46P |
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00 |
|
S-19214
|
811Kb / 46P |
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00 |
|
S-19243XXXA
|
1Mb / 74P |
AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19243XXXH
|
1Mb / 74P |
AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19244XXXA
|
1Mb / 68P |
AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19253XXXH
|
782Kb / 30P |
AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00 |
|
S-19311
|
647Kb / 38P |
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00 |
|
S-19500
|
692Kb / 47P |
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00 |
|
S-19502
|
787Kb / 54P |
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00 |