Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HOM250PSPD Datasheet (PDF) - Schneider Electric

Part # HOM250PSPD
Description  Surge Protect - Homeline - 50kA - 120/240VAC - 1P3W - T2 - CSA
File Size   108.25 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HOM250PSPD Datasheet (PDF) - Schneider Electric



Similar Part No. - HOM250PSPD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM250 SCHNEIDER-HOM250 Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 50A
HOM250C SCHNEIDER-HOM250C Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 50A
HOM250CP SCHNEIDER-HOM250CP Datasheet
128Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 50A
More results


Similar Description - HOM250PSPD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HR1IMA16C SCHNEIDER-HR1IMA16C Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 160kA - 120/240VAC - 1P3W - T2
MA1IBA12 SCHNEIDER-MA1IBA12 Datasheet
115Kb / 2P
Surge mod IBA - 120kA - 120/240VAC - 1P3W - T2 - CSA
MA1IBA16 SCHNEIDER-MA1IBA16 Datasheet
115Kb / 2P
Surge mod IBA - 160kA - 120/240VAC - 1P3W - T2 - CSA
MA1IBA24 SCHNEIDER-MA1IBA24 Datasheet
116Kb / 2P
Surge mod IBA - 240kA - 120/240VAC - 1P3W - T2 - CSA
MA1IMA12 SCHNEIDER-MA1IMA12 Datasheet
100Kb / 2P
Surge mod IMA - 120kA - 120/240VAC - 1P3W - T2 - CSA
MA1IMA16 SCHNEIDER-MA1IMA16 Datasheet
105Kb / 2P
Surge mod IMA - 160kA - 120/240VAC - 1P3W - T2 - CSA
MA1IMA24 SCHNEIDER-MA1IMA24 Datasheet
109Kb / 2P
Surge mod IMA - 240kA - 120/240VAC - 1P3W - T2 - CSA
TVS1IMA12O SCHNEIDER-TVS1IMA12O Datasheet
59Kb / 2P
Surge Protect - IMA - 120kA - 120/240VAC - 1P3W - T2
May 15, 2020
TVS1IMA16O SCHNEIDER-TVS1IMA16O Datasheet
101Kb / 2P
Surge Protect - IMA - 160kA - 120/240VAC - 1P3W - T2
May 15, 2020
TVS1IMA24O SCHNEIDER-TVS1IMA24O Datasheet
101Kb / 2P
Surge Protect - IMA - 240kA - 120/240VAC - 1P3W - T2
May 15, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com