Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMB2IMA16 Datasheet (PDF) - Schneider Electric

Part # QMB2IMA16
Description  Surge Protect - QMB - IMA - 160kA - 208Y/120VAC - 3P4W - UL - CSA
File Size   100.9 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QMB2IMA16 Datasheet (PDF) - Schneider Electric



Similar Part No. - QMB2IMA16

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QMB2IMA12 SCHNEIDER-QMB2IMA12 Datasheet
100Kb / 2P
Surge Protect - QMB - IMA - 120kA - 208Y/120VAC - 3P4W - UL - CSA
May 15, 2020
More results


Similar Description - QMB2IMA16

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HL2IMA16C SCHNEIDER-HL2IMA16C Datasheet
158Kb / 2P
Surge Protect - IMA - HL - 160kA - 208Y/120VAC - 3P4W - T2
Apr 16, 2020
HL2IMA16C1 SCHNEIDER-HL2IMA16C1 Datasheet
152Kb / 2P
Surge Protect - IMA - HL - 160kA - 208Y/120VAC - 3P4W - T1
Apr 16, 2020
HR2IMA16C SCHNEIDER-HR2IMA16C Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 160kA - 208Y/120VAC - 3P4W - T2
HR2IMA16C1 SCHNEIDER-HR2IMA16C1 Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 160kA - 208Y/120VAC - 3P4W - T1
QMB2IMA12 SCHNEIDER-QMB2IMA12 Datasheet
100Kb / 2P
Surge Protect - QMB - IMA - 120kA - 208Y/120VAC - 3P4W - UL - CSA
May 15, 2020
QMB2IMA24 SCHNEIDER-QMB2IMA24 Datasheet
100Kb / 2P
Surge Protect - QMB - IMA - 240kA - 208Y/120VAC - 3P4W - UL - CSA
May 15, 2020
QMB3IMA16 SCHNEIDER-QMB3IMA16 Datasheet
100Kb / 2P
Surge Protect - QMB - IMA - 160kA - 120/240VAC - 3P4W - UL - CSA
QMB8IMA16 SCHNEIDER-QMB8IMA16 Datasheet
100Kb / 2P
Surge Protect - QMB - IMA - 160kA - 600Y/347VAC - 3P4W - UL - CSA
TVS2IMA16O SCHNEIDER-TVS2IMA16O Datasheet
101Kb / 2P
Surge Protect - IMA - 160kA - 208Y/120VAC - 3P4W - T2
May 15, 2020
TVS2IMA16O1 SCHNEIDER-TVS2IMA16O1 Datasheet
100Kb / 2P
Surge Protect - IMA - 160kA - 208Y/120VAC - 3P4W - T1
May 15, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com