| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
BJL36060
|
132Kb / 3P |
PowerPact B Circuit Breaker, 60A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jun 21, 2020 |
|
BJP36060
|
119Kb / 3P |
PowerPact B Circuit Breaker, 60A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BJL26060
|
108Kb / 3P |
PowerPact B Circuit Breaker, 60A, 2P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jun 25, 2020 |
|
BJL46060
|
127Kb / 3P |
PowerPact B Circuit Breaker, 60A, 4P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
BJM26060
|
108Kb / 3P |
PowerPact B Circuit Breaker, 60A, 2P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BJM36015
|
119Kb / 3P |
PowerPact B Circuit Breaker, 15A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BJM36090
|
119Kb / 3P |
PowerPact B Circuit Breaker, 90A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BJM46060
|
118Kb / 2P |
PowerPact B Circuit Breaker, 60A, 4P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BJP26060
|
108Kb / 3P |
PowerPact B Circuit Breaker, 60A, 2P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BJP46060
|
118Kb / 2P |
PowerPact B Circuit Breaker, 60A, 4P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020 |