Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5400 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5400
Description  Inductive Cell Balancer IC with Balacing Curret Up to 2A
File Size   7401.08 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5400 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd



Similar Part No. - HM5400

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM5401 HSMC-HM5401 Datasheet
34Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Huazhimei Semi...
HM5401 HMSEMI-HM5401 Datasheet
642Kb / 8P
1 Li-ion/Li-polymer battery charge balance IC
HM5402 HMSEMI-HM5402 Datasheet
959Kb / 10P
1-Saving lithium iron phosphate battery charge balance IC
HM5402-AB3B HMSEMI-HM5402-AB3B Datasheet
959Kb / 10P
1-Saving lithium iron phosphate battery charge balance IC
HM5402-BB3A HMSEMI-HM5402-BB3A Datasheet
959Kb / 10P
1-Saving lithium iron phosphate battery charge balance IC
More results


Similar Description - HM5400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX847 MAXIM-MAX847 Datasheet
167Kb / 18P
1-Cell, Step-Up Two-Way Pager System IC
Rev 1a; 10/98
logo
Semtech Corporation
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
logo
ams AG
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
Battery Cell Monitor and Balancer IC
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
Linear Technology
LT8584 LINER-LT8584_15 Datasheet
455Kb / 36P
2.5A Monolithic Active Cell Balancer with Telemetry Interface
logo
Sanken electric
LC101N SANKEN-LC101N Datasheet
1Mb / 15P
LED Current balancer IC
logo
AIMTEC
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
up to 2A | AC-DC LED driver
logo
Linear Technology
LT8584 LINER-LT8584 Datasheet
455Kb / 36P
2.5A Monolithic Active Cell Balancer with Telemetry Interface
logo
Shenzhenshi YONGFUKANG ...
CS5256E YONGFUKANG-CS5256E Datasheet
2Mb / 8P
2A IC
logo
TRINAMIC Motion Control...
TMC7300-EVAL TRINAMIC-TMC7300-EVAL Datasheet
1Mb / 10P
2 DC motors with up to 2A current
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com