Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH60J3 Datasheet (PDF) - Eaton All Rights Reserved.

Part # CH60J3
Description  Fuse-holder, low voltage, 60 A, AC 600 V, DC 600 V, UL Class J, 120 x 83 x 125 mm, 3P, UL, CSA
File Size   165.67 Kbytes
Html View  1 
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CH60J3 Datasheet (PDF) - Eaton All Rights Reserved.



Similar Part No. - CH60J3

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CH60J3I EATON-CH60J3I Datasheet
156Kb / 2P
CH Series Modular Fuse Holders
More results


Similar Description - CH60J3

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
PUR, pvc insulation, UL 600 V
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
PVC, HAR-UL-CSA tri-norm, 600 V
logo
Eaton All Rights Reserv...
CH30J3 EATON-CH30J3 Datasheet
164Kb / 1P
Fuse-holder, low voltage, 30 A, AC 600 V, DC 600 V, UL Class J, 98 x 72 x 117 mm, 3P, UL, CSA
logo
Schneider Electric
GS2SU3 SCHNEIDER-GS2SU3 Datasheet
177Kb / 2P
TeSys GS - switch-disconnector-fuse - 3 P - UL 600 A - fuse size J
Jul 18, 2021
GS2GU3N SCHNEIDER-GS2GU3N Datasheet
142Kb / 3P
TeSys GS, disconnect switch, fuse, 3 P, 600 V, UL 60 A, Type J fuse
Jul 18, 2021
GS1DU3 SCHNEIDER-GS1DU3 Datasheet
124Kb / 3P
TeSys GS, disconnect switch, fuse, 3 P, 600 V, UL 30 A, Type J fuse
Jul 18, 2021
GS2GU3N SCHNEIDER-GS2GU3N_V01 Datasheet
155Kb / 3P
TeSys GS, disconnect switch, fuse, 3 P, 600 V, UL 60 A, Type J fuse
Jun 29, 2022
GS2SU3 SCHNEIDER-GS2SU3_V01 Datasheet
190Kb / 2P
TeSys GS - switch-disconnector - fuse - 3 P - UL - 600 A- fuse size J
Jun 30, 2022
GS1DU3 SCHNEIDER-GS1DU3_V01 Datasheet
137Kb / 3P
TeSys GS, disconnect switch, fuse, 3 P, 600 V, UL 30 A, Type J fuse
Jun 30, 2022
logo
Marathon Special Produc...
R6CC60AXB MARATHON-R6CC60AXB Datasheet
144Kb / 3P
Reinforced Class CC Fuse Holder 60 Amps, 600 Volts AC/DC
REV B 8/24/11
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com