Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1469079-1 Datasheet (PDF) - TE Connectivity Ltd

Part # 1469079-1
Description  HEADER ASSEMBLY, 4 PAIR, SELECTIVELY LOADED, 2.5mm TAIL, 25mm, HMZd
File Size   456.74 Kbytes
Html View  1 
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1469079-1 Datasheet (PDF) - TE Connectivity Ltd



Similar Part No. - 1469079-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1469074-1 TEC-1469074-1 Datasheet
427Kb / 1P
HEADER ASSEMBLY, 4 PAIR, 1.8mm TAIL, 25mm, HMZd
1469074-2 TEC-1469074-2 Datasheet
427Kb / 1P
HEADER ASSEMBLY, 4 PAIR, 1.8mm TAIL, 25mm, HMZd
1469077-1 TEC-1469077-1 Datasheet
311Kb / 1P
RECEPTACLE ASSEMBLY, 2 PAIR, 50mm, HMZd
More results


Similar Description - 1469079-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1469025-1 MACOM-1469025-1 Datasheet
275Kb / 1P
HEADER ASSEMBLY, 2 PAIR, 2.5mm TAIL. 25mm, HMZd
logo
TE Connectivity Ltd
C-1469025 TEC-C-1469025 Datasheet
361Kb / 1P
HEADER ASSEMBLY, 2 PAIR, 2.5mm TAIL, 25mm, HMZd
C-1469334 TEC-C-1469334 Datasheet
379Kb / 1P
HEADER ASSEMBLY, 2 PAIR, SELECTIVELY LOADED, 2.5mm TAIL, 25mm, HMZd
C-1645547 TEC-C-1645547 Datasheet
446Kb / 1P
HEADER ASSEMBLY, 4 PAIR, SELECTIVELY LOADED, 1.8mm TAIL, 25mm HMZd
C-6469002 TEC-C-6469002 Datasheet
423Kb / 1P
HEADER ASSEMBLY, 4 PAIR, 2.5mm TAIL, 25mm HMZd
C-6469025 TEC-C-6469025 Datasheet
361Kb / 1P
HEADER ASSEMBLY, 2 PAIR, 2.5mm TAIL, 25mm, HMZd
C-6469056 TEC-C-6469056 Datasheet
457Kb / 1P
HEADER ASSEMBLY, 4 PAIR, SELECTIVELY LOADED, 1.8mm TAIL, 25mm HMZd
C-6469079 TEC-C-6469079 Datasheet
454Kb / 1P
HEADER ASSEMBLY, 4 PAIR, SELECTIVELY LOADED, 2.5mm TAIL, 25mm, HMZd
C-6469292 TEC-C-6469292 Datasheet
450Kb / 1P
HEADER ASSEMBLY, 4 PAIR, SELECTIVELY LOADED, 2.5mm TAIL, 25mm HMZd
C-6469320 TEC-C-6469320 Datasheet
451Kb / 1P
HEADER ASSEMBLY, 4 PAIR, SELECTIVELY LOADED, 2.5mm TAIL, 25mm HMZd
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com