Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT-2736WQ Datasheet (PDF) - Mallory Sonalert Products Inc

Part # PT-2736WQ
Description  Resonant Frequency (Hz) 3500 짹 500
File Size   89.23 Kbytes
Html View  1 
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

PT-2736WQ Datasheet (PDF) - Mallory Sonalert Products Inc



Similar Part No. - PT-2736WQ

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PT-2736FPQ MSPI-PT-2736FPQ Datasheet
88Kb / 1P
Sound Pressure Level (dB/min) 90 at 30cm at Rated voltage
PT-2736FWQ MSPI-PT-2736FWQ Datasheet
91Kb / 1P
Sound Pressure Level Min. (dB) 90 at 30cm at Rated Voltage
logo
Mallory performance clu...
PT-2736PQ MALLORY-PT-2736PQ Datasheet
426Kb / 2P
Resonant Frequency (Hz) 3500 짹 500
logo
Mallory Sonalert Produc...
PT-2736PQ MSPI-PT-2736PQ Datasheet
142Kb / 1P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
More results


Similar Description - PT-2736WQ

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PT-2726WQ MALLORY-PT-2726WQ Datasheet
326Kb / 2P
Resonant Frequency (Hz) 2500 짹 500
PT-2736PQ MALLORY-PT-2736PQ Datasheet
426Kb / 2P
Resonant Frequency (Hz) 3500 짹 500
logo
Mallory Sonalert Produc...
PT-1245P-PQ MSPI-PT-1245P-PQ Datasheet
94Kb / 1P
Resonant Frequency (Hz) 4000 짹 500
PT-1520PQ MSPI-PT-1520PQ Datasheet
105Kb / 1P
Resonant Frequency (Hz) 2000 짹 500
PT-1540PM-P3.5Q MSPI-PT-1540PM-P3.5Q Datasheet
88Kb / 1P
Resonant Frequency (Hz) 4000 짹 500
PT-2020PQ MSPI-PT-2020PQ Datasheet
87Kb / 1P
Resonant Frequency (Hz) 2000 짹 500
PT-2030P-PQ MSPI-PT-2030P-PQ Datasheet
105Kb / 1P
Resonant Frequency (Hz) 2000 짹 500
PT-2725PQ MSPI-PT-2725PQ Datasheet
88Kb / 1P
Resonant Frequency (Hz) 2500 짹 500
PT-3110P-05Q MSPI-PT-3110P-05Q Datasheet
100Kb / 1P
Resonant Frequency (Hz) 1100 짹 500
PT-3110WQ MSPI-PT-3110WQ Datasheet
88Kb / 1P
Resonant Frequency (Hz) 1100 짹 500
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com