Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10DRA40 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # 10DRA40
Description  FRD - 1A 400V 120ns
File Size   58.35 Kbytes
Html View  1   2   3   4   5 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

10DRA40 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - 10DRA40

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DRA40 NI-10DRA40_15 Datasheet
109Kb / 1P
FRED
10DRA40_2015 NI-10DRA40_2015 Datasheet
109Kb / 1P
FRED
More results


Similar Description - 10DRA40

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10DRA60 NIEC-10DRA60 Datasheet
58Kb / 5P
FRD - 1A 600A 120ns
10ERB60 NIEC-10ERB60 Datasheet
70Kb / 5P
FRD - 1A 600V 120ns
15KRA40 NIEC-15KRA40 Datasheet
63Kb / 5P
FRD - 1.5A 400V 160ns
P2H30F4 NIEC-P2H30F4 Datasheet
154Kb / 3P
FRD MODULE 30A/400V
P2H60F4 NIEC-P2H60F4 Datasheet
155Kb / 3P
FRD MODULE 60A/400V
P2H80F4 NIEC-P2H80F4 Datasheet
155Kb / 3P
FRD MODULE 80A/400V
logo
MagnaChip Semiconductor...
MPSC2N100U40 MGCHIP-MPSC2N100U40 Datasheet
647Kb / 5P
400V FRD Module
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
MPGB1N300U40 MGCHIP-MPGB1N300U40 Datasheet
627Kb / 5P
400V FRD Module
MPKB2SA MGCHIP-MPKB2SA Datasheet
639Kb / 5P
400V FRD Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com