Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUXHS4412IRUAR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
Part # TMUXHS4412IRUAR
Description  TMUXHS4412 4-Channel 20 Gbps Differential 2:1/1:2 Mux/Demux
File Size   3980.93 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS4412IRUAR Datasheet (PDF) - Texas Instruments



Similar Part No. - TMUXHS4412IRUAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUXHS4446 TI1-TMUXHS4446 Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
TMUXHS4446-Q1 TI2-TMUXHS4446-Q1 Datasheet
1Mb / 22P
TMUXHS4446-Q1 Automotive rated USB-C 10Gbps Alt Mode Crossbar Mux
JUNE 2026
TMUXHS4446IRETR TI1-TMUXHS4446IRETR Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
TMUXHS4446IRETT TI1-TMUXHS4446IRETT Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
TMUXHS4446RETR TI1-TMUXHS4446RETR Datasheet
1Mb / 27P
TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
FEBRUARY 2024
More results


Similar Description - TMUXHS4412IRUAR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com