Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30PHA20 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # 30PHA20
Description  SBD - 3A 200A Axial
File Size   83.18 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

30PHA20 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - 30PHA20

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
30PHA20 NI-30PHA20 Datasheet
271Kb / 1P
SBD
30PHA20 NI-30PHA20_15 Datasheet
271Kb / 1P
SBD
30PHA20_2015 NI-30PHA20_2015 Datasheet
271Kb / 1P
SBD
More results


Similar Description - 30PHA20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3FP3 SHINDENGEN-D3FP3 Datasheet
593Kb / 8P
Schottky Rectifiers (SBD) (30V 3A)
D3FS6 SHINDENGEN-D3FS6 Datasheet
584Kb / 11P
Schottky Rectifiers (SBD) (60V 3A)
D3S4M SHINDENGEN-D3S4M Datasheet
543Kb / 10P
Schottky Rectifiers (SBD) (40V 3A)
D3S6M SHINDENGEN-D3S6M Datasheet
582Kb / 11P
Schottky Rectifiers (SBD) (60V 3A)
DE3S4M SHINDENGEN-DE3S4M Datasheet
577Kb / 10P
Schottky Rectifiers (SBD) (40V 3A)
DE3S6M SHINDENGEN-DE3S6M Datasheet
599Kb / 11P
Schottky Rectifiers (SBD) (60V 3A)
logo
Nihon Inter Electronics...
30PRA20 NIEC-30PRA20 Datasheet
56Kb / 5P
FRD - 3A 200A 90ns
logo
HARTING Technology Grou...
09-14-001-2762 HARTING-09-14-001-2762 Datasheet
456Kb / 2P
Han 200A axial module, female 40-70 mm짼
09-14-001-2761 HARTING-09-14-001-2761 Datasheet
472Kb / 2P
Han 200A axial module, female 95mm짼
09-14-001-2661 HARTING-09-14-001-2661 Datasheet
458Kb / 2P
Han 200A axial module, male 95mm짼
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com