| Manufacturer | Part # | Datasheet | Description |
 3M Electronics |
9546
|
43Kb / 2P |
Double Coated Polyethylene Foam Tape
Aug-2001 |
|
2229
|
28Kb / 2P |
3M™ Scotch-Seal™ Mastic Tape
Rev B |
|
1521
|
48Kb / 2P |
3MTM Single Coated Polyethylene Medical Tape
Jul-2013 |
|
1525L
|
48Kb / 2P |
3M™ Single Coated Medical Tape
Jun-2013 |
|
1526
|
48Kb / 2P |
3MTM Single Coated Polyethylene Medical Tape
Aug-2013 |
|
99786
|
141Kb / 5P |
3M??Double Coated Tape 99786
|
|
4492W
|
143Kb / 6P |
3M™ Double Coated Polyethylene Foam Tape 4492W
Dec-2014 |
|
9828
|
145Kb / 7P |
3M™ Double Coated Tape 9828
May-2011 |
|
9500PC
|
149Kb / 7P |
3M™ Double Coated Tape 9500PC
Nov-2008 |
|
9443NP
|
141Kb / 6P |
3M™ Double Coated Tape
Jul-2006 |