| Manufacturer | Part # | Datasheet | Description |
 ANADIGICS, Inc |
AWT6102M2
|
242Kb / 8P |
EGSM/DCS/PCS Triple Band Power Amplifier Module
REV 2 |
|
AWT6113
|
236Kb / 16P |
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4 |
|
AWT6135
|
260Kb / 8P |
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1 |
 Raytheon Company |
RMPA1951-102
|
200Kb / 17P |
3V PCS CDMA Power Amplifier Module
|
 Agilent(Hewlett-Packard... |
ACPM-7833
|
189Kb / 21P |
CDMA1900 (PCS) Power Amplifier Module
|
 Fairchild Semiconductor |
RMPA1759
|
542Kb / 8P |
Korean-PCS PowerEdge Power Amplifier Module
|
 ANADIGICS, Inc |
AWT6302
|
177Kb / 8P |
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1 |
|
AWT6106
|
793Kb / 16P |
PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
Rev 2.0 |
|
AWT6131
|
206Kb / 12P |
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 1.0 |
 AVAGO TECHNOLOGIES LIMI... |
WS1403
|
390Kb / 15P |
CDMA PCS 3x3 Power Amplifier Module
|