Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDH6016 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PDH6016
Description  THYRISTOR MODULE 60A / 1200 to 1600V
File Size   273.42 Kbytes
Html View  1   2   3   4   5 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDH6016 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PDH6016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDH6016 NIEC-PDH6016 Datasheet
253Kb / 4P
60A Avg 1200~1600 Volts
More results


Similar Description - PDH6016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC6012 NIEC-PC6012 Datasheet
213Kb / 3P
DIODE MODULE 60A/1200 to 1600V
PCH3012 NIEC-PCH3012 Datasheet
266Kb / 5P
THYRISTOR MODULE 30A/1200 to 1600V
PCH6012 NIEC-PCH6012 Datasheet
269Kb / 5P
THYRISTOR MODULE 60A/1200 to 1600V
PCH10012 NIEC-PCH10012 Datasheet
317Kb / 5P
THYRISTOR MODULE 100A/1200 to 1600V
PCH15012 NIEC-PCH15012 Datasheet
255Kb / 5P
THYRISTOR MODULE 150A/1200 to 1600V
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
THYRISTOR MODULE 200A/1200 to 1600V
PDT3012 NIEC-PDT3012 Datasheet
271Kb / 5P
THYRISTOR MODULE 30A /1200 to 1600V
PDT10012 NIEC-PDT10012 Datasheet
322Kb / 5P
THYRISTOR MODULE 100A/1200 to 1600V
logo
Micross Components
MIMMK60A160B MICROSS-MIMMK60A160B Datasheet
1Mb / 5P
1600V 60A thyristor Module RoHS Compliant
logo
MacMic
MMK60A160B MACMIC-MMK60A160B Datasheet
348Kb / 5P
1600V 60A thyristor Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com