Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS428L2 Datasheet (PDF) - Siemens Semiconductor Group

Part # BTS428L2
Description  Smart High-Side Power Switch One Channel:60m-ohm Status Feedback
File Size   88.9 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS428L2 Datasheet (PDF) - Siemens Semiconductor Group



Similar Part No. - BTS428L2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS428L2 INFINEON-BTS428L2 Datasheet
240Kb / 13P
Smart High-Side Power Switch One Channel: 60m??Status Feedback
2003-Oct-01
BTS428L2 INFINEON-BTS428L2 Datasheet
227Kb / 15P
Smart High-Side Power Switch
V1.1, 2007-05-29
BTS428L2 INFINEON-BTS428L2_07 Datasheet
227Kb / 15P
Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Similar Description - BTS428L2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS428L2 INFINEON-BTS428L2 Datasheet
240Kb / 13P
Smart High-Side Power Switch One Channel: 60m??Status Feedback
2003-Oct-01
BTS436L2 INFINEON-BTS436L2 Datasheet
261Kb / 12P
Smart High-Side Power Switch One Channel: 38m??Status Feedback
2003-Oct-01
BTS441R INFINEON-BTS441R Datasheet
226Kb / 12P
Smart Highside Power Switch One Channel: 20m??Status Feedback
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTF50060-1TEA INFINEON-BTF50060-1TEA_11 Datasheet
1Mb / 38P
Smart High-Side Power Switch, One Channel
Rev. 1.2, 2011-09-01
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com