Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC42533LB01 Datasheet (PDF) - VITALCONN ELECTRONICS HK LTD.

Part # UC42533LB01
Description  USB C TYPE Mid-Mount Dual-Row SMT REC
File Size   193.4 Kbytes
Html View  1 
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.

UC42533LB01 Datasheet (PDF) - VITALCONN ELECTRONICS HK LTD.



Similar Part No. - UC42533LB01

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
UC42531LB10 VITALCONN-UC42531LB10 Datasheet
145Kb / 1P
USB C Type Female Dual Row, SMT W/Post
REV: A
More results


Similar Description - UC42533LB01

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KUSBX-MM KYCON-KUSBX-MM Datasheet
608Kb / 1P
USB C Type Mid Mount SMT Contacts
logo
Global Connector Techno...
USB4500 GCT-USB4500 Datasheet
173Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 0.8mm Offset
1st July 2021
USB4505 GCT-USB4505 Datasheet
157Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.0mm Offset
1st July 2021
USB4510 GCT-USB4510 Datasheet
163Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.6mm Offset
1st July 2021
USB4515 GCT-USB4515 Datasheet
166Kb / 2P
USB Type C Receptacle, SMT Type, Mid Mount, 1.6mm Offset, For Power Charging Only
1st July 2021
USB4520 GCT-USB4520 Datasheet
168Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 2.1mm Offset
1st July 2021
logo
Amphenol Communications...
10137064 AMPHENOLCS-10137064 Datasheet
201Kb / 2P
USB 3.1 Type C RECEPT. R/A MID-MOUNT, SMT AND DIP TAILS
2021-03-02
logo
VITALCONN ELECTRONICS H...
UC42531LB10 VITALCONN-UC42531LB10 Datasheet
145Kb / 1P
USB C Type Female Dual Row, SMT W/Post
REV: A
logo
Molex Electronics Ltd.
PK-47642-001 MOLEX-PK-47642-001 Datasheet
327Kb / 2P
PACKAGING DRAWING FOR MICRO USB REC. MID MOUNT
REVISION G1
SD-47642-001 MOLEX-SD-47642-001 Datasheet
177Kb / 2P
MICRO USB B REC. MID MOUNT THROUGH HOLE ASSY
2008.01.04
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com