| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX1733
|
265Kb / 8P |
Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00 |
|
MAX1920
|
370Kb / 9P |
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02 |
|
MAX1927
|
303Kb / 12P |
Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters
Rev 0; 7/02 |
 Power Analog Micoelectr... |
PAM2301
|
902Kb / 13P |
800mA Step-Down DC-DC Converters
|
|
PAM2305
|
506Kb / 17P |
1A Step-Down DC-DC Converters
|
 Maxim Integrated Produc... |
MAX1921EUT25-T
|
803Kb / 11P |
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05 |
|
MAX15062
|
1Mb / 23P |
Step-Down DC-DC Converters
Rev 1; 10/13 |
|
MAX20021
|
2Mb / 16P |
Step-Down DC-DC Converters
Rev 2; 12/13 |
|
MAX20021
|
947Kb / 16P |
Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014 |
|
MAX1920
|
1Mb / 12P |
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005 |