Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSZ021N04LS6 Datasheet (PDF) - Infineon Technologies AG

Part # BSZ021N04LS6
Description  OptiMOSTM6 Power-Transistor, 40 V
File Size   1389.67 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ021N04LS6 Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - BSZ021N04LS6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ023N04LS INFINEON-BSZ023N04LS Datasheet
1,021Kb / 2P
New OptiMOS??40V and 60V
07 / 2012
BSZ024N04LS6 INFINEON-BSZ024N04LS6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2021-02-22
BSZ025N04LS INFINEON-BSZ025N04LS Datasheet
1Mb / 12P
Optimized for synchronous rectification
Rev.2.1,2014-06-27
BSZ028N04LS INFINEON-BSZ028N04LS Datasheet
1Mb / 11P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
More results


Similar Description - BSZ021N04LS6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IST007N04NM6 INFINEON-IST007N04NM6 Datasheet
1Mb / 11P
OptiMOSTM6 Power-Transistor, 40 V
Rev.2.0,2020-06-18
ISC010N04NM6 INFINEON-ISC010N04NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.0,2020-11-02
BSC007N04LS6 INFINEON-BSC007N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2020-03-06
BSC022N04LS6 INFINEON-BSC022N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-05-12
ISC036N04NM5 INFINEON-ISC036N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev.2.1,2020-03-23
BSZ018N04LS6 INFINEON-BSZ018N04LS6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-03-31
IST006N04NM6 INFINEON-IST006N04NM6 Datasheet
1Mb / 11P
OptiMOSTM6 Power-Transistor, 40 V
Rev.2.0,2020-06-18
BSC007N04LS6SC INFINEON-BSC007N04LS6SC Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2022-10-06
BSC076N04ND INFINEON-BSC076N04ND Datasheet
1Mb / 11P
OptiMOSTM-T2 Power Transistor, 40 V
Rev. 2.0, 2018-12-11
ISC017N04NM5 INFINEON-ISC017N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev. 2.1, 2020-03-22
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com