Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TET1500 Datasheet (PDF) - Bel Fuse Inc.

Part # TET1500
Description  High Efficiency, typ. 96% efficiency at half load
File Size   1403.37 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

TET1500 Datasheet (PDF) - Bel Fuse Inc.



Similar Part No. - TET1500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
TET-2000 BEL-TET-2000 Datasheet
1Mb / 25P
Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
TET2000 BEL-TET2000 Datasheet
1Mb / 25P
Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
Wide input voltage range: -40 to -72 VDC
TET2500 BEL-TET2500 Datasheet
1Mb / 25P
Best-in-class, 80 PLUS certified ?쏷itanium??efficiency
TET3000 BEL-TET3000 Datasheet
1Mb / 25P
Best-in-class, Titanium efficiency Universal input voltage range: 90 - 300 VAC
More results


Similar Description - TET1500

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH09R48N EMERSON-NETWORKPOWER-AEH09R48N Datasheet
547Kb / 2P
High Efficiency Half Brick
ALO15B50 EMERSON-NETWORKPOWER-ALO15B50 Datasheet
88Kb / 2P
High efficiency (96% Typical)
APA18 EMERSON-NETWORKPOWER-APA18 Datasheet
202Kb / 2P
High efficiency, 3.3V @ 95% (Typ)
logo
SynQor Worldwide Headqu...
PQ60050HZX60 SYNQOR-PQ60050HZX60 Datasheet
3Mb / 16P
High efficiency, 93% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
High efficiency, 94% at full rated load current
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
High efficiency, 96% at full rated load current
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
High efficiency, 94.3% at full rated load current
logo
Cypress Semiconductor
MB39C015 CYPRESS-MB39C015 Datasheet
1Mb / 43P
High efficiency : 96% (Max)
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
Very high efficiency, typ. 97% at half load
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
High Efficiency, typ. 94% efficiency at half load
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com