| Manufacturer | Part # | Datasheet | Description |
 Rohm |
2SC5877S
|
98Kb / 4P |
Power transistor (60V, 0.5A)
|
|
2SA2088
|
934Kb / 4P |
Medium power transistor (-60V, -0.5A)
|
|
2SC5868
|
935Kb / 4P |
Medium power transistor (60V, 0.5A)
|
|
2SC5876
|
934Kb / 4P |
Medium power transistor (60V, 0.5A)
|
 Maxim Integrated Produc... |
MAX15462C12EVKIT
|
1Mb / 8P |
42V adjustable, 0.5A DC power supply
Rev 0; 3/15 |
|
MAX15462BEVKIT
|
786Kb / 8P |
42V adjustable, 0.5A DC power supply
Rev 0; 3/15 |
|
MAX15462AEVKIT
|
735Kb / 9P |
42V adjustable, 0.5A DC power supply
Rev 0; 3/15 |
|
MAX15062C12EVKIT
|
1Mb / 8P |
60V adjustable, 0.5A DC power supply
Rev 1; 7/20 |
|
MAX20059EVKIT
|
695Kb / 7P |
Adjustable DC power supply
Rev 0; 10/18 |
|
MAX20058EVKIT
|
744Kb / 7P |
Adjustable DC power supply
Rev 0; 6/18 |