Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1136447 Datasheet (PDF) - Qorvo, Inc

Part # 1136447
Description  25 ??31 GHz GaAs Low Noise Amplifier
File Size   1001.34 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

1136447 Datasheet (PDF) - Qorvo, Inc



Similar Part No. - 1136447

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1136419 PHOENIX-1136419 Datasheet
402Kb / 13P
Controller - RFC 4072R
Nov 3, 2022
logo
Lapp.
1136450 LAPP-1136450 Datasheet
192Kb / 3P
ÖLFLEX® SERVO 2YSLCY-JB
21.10.2015
1136451 LAPP-1136451 Datasheet
192Kb / 3P
ÖLFLEX® SERVO 2YSLCY-JB
21.10.2015
1136452 LAPP-1136452 Datasheet
192Kb / 3P
ÖLFLEX® SERVO 2YSLCY-JB
21.10.2015
1136453 LAPP-1136453 Datasheet
192Kb / 3P
ÖLFLEX® SERVO 2YSLCY-JB
21.10.2015
More results


Similar Description - 1136447

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P2-99 ALPHA-AA028P2-99 Datasheet
490Kb / 4P
25-31 GHz Amplifier
logo
Hittite Microwave Corpo...
HMC342 HITTITE-HMC342 Datasheet
187Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342 HITTITE-HMC342_10 Datasheet
230Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC342LC4 HITTITE-HMC342LC4_09 Datasheet
220Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
logo
TriQuint Semiconductor
QPA2628D TRIQUINT-QPA2628D Datasheet
1Mb / 14P
25 ??31 GHz GaAs Low Noise Amplifier
logo
Analog Devices
ADL8142 AD-ADL8142 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com