| Manufacturer | Part # | Datasheet | Description |
 FCI connector |
51415
|
482Kb / 5P |
IP24SIP RIGHT ANGLE SOLDER HEADER
|
|
51416
|
310Kb / 5P |
IP24SIP RIGHT ANGLE SOLDER RECEPT
|
 ERNI Electronics |
233232
|
44Kb / 1P |
Male Connector H 11 Solder
|
 CUI INC |
HSS-B20-043H-01
|
307Kb / 3P |
solder pins for secure PCB mounting
|
 PowerDynamics, Inc |
PD-HEC2-FPC-S-W
|
218Kb / 1P |
SOLDER PINS
|
 Schneider Electric |
70-782EL14-1
|
117Kb / 3P |
Socket, SE Relays, 10A, 17 pins, screw connectors, separate contact, for 782 relays
Jul 27, 2021 |
|
70-378-1
|
131Kb / 4P |
Socket, SE Relays, 5A, 14 pins, solder terminals, separate contact, for 782H / 792 relays
Aug 5, 2021 |
|
70-379-1
|
110Kb / 4P |
Socket, SE Relays, 5A, 14 pins, for printed circuit board, for 782H / 792 relays,
Aug 5, 2021 |
|
RE48ASOC11AR
|
183Kb / 3P |
Harmony, Socket, for RE48 relays, screw terminals connections on rear face, 11 pins, IP 20
Aug 25, 2021 |
 WECO ELECTRICAL CONNECT... |
140-A-111-THR
|
74Kb / 1P |
PCB connector for THR Screw connection, short solder pins
04.18 |