Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1G201AT Datasheet (PDF) - Rohm

Part # RS1G201AT
Description  Pch -40V -78A Power MOSFET
File Size   2762.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RS1G201AT Datasheet (PDF) - Rohm



Similar Part No. - RS1G201AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RS1G260MN ROHM-RS1G260MN Datasheet
2Mb / 13P
Nch 40V 80A Power MOSFET
More results


Similar Description - RS1G201AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RD3G01BAT ROHM-RD3G01BAT Datasheet
2Mb / 14P
Pch -40V -15A Power MOSFET
RD3G03BAT ROHM-RD3G03BAT Datasheet
2Mb / 14P
Pch -40V -35A Power MOSFET
RD3G07BAT ROHM-RD3G07BAT Datasheet
2Mb / 14P
Pch -40V -70A Power MOSFET
RF4G060AT ROHM-RF4G060AT Datasheet
2Mb / 14P
Pch -40V -6A Power MOSFET
RQ3G110AT ROHM-RQ3G110AT Datasheet
2Mb / 13P
Pch -40V -35A Power MOSFET
SH8JB5 ROHM-SH8JB5 Datasheet
2Mb / 14P
-40V PchPch Power MOSFET
UT6JB5 ROHM-UT6JB5 Datasheet
2Mb / 14P
-40V PchPch Power MOSFET
RQ6G050AT ROHM-RQ6G050AT Datasheet
2Mb / 14P
Pch -40V -5A Power MOSFET
UT6MB5 ROHM-UT6MB5 Datasheet
4Mb / 22P
40V NchPch Power MOSFET
20230126 - Rev.002
HP8MB5 ROHM-HP8MB5 Datasheet
4Mb / 22P
40V NchPch Power MOSFET
20230427 - Rev.002
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com