| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX17531AUBEVKIT
|
948Kb / 8P |
(μMAX) in 5V Output Voltage Applications
Rev 0; 1/17 |
|
MAX17577EVKIT
|
1Mb / 14P |
in -12V and -5V Output-Voltage Applications
Rev 0; 12/20 |
|
MAX17531ATBEVKIT
|
958Kb / 9P |
5V Output Voltage Applications
Rev 0; 7/15 |
|
MAX17530AUBEVKIT
|
860Kb / 9P |
5V Output Voltage Applications
Rev 0; 6/15 |
|
MAX17524EVKIT
|
1Mb / 14P |
Dual-Output Voltage 3.3V and 5V Application
Rev 0; 12/17 |
|
MAX17521EVKIT
|
885Kb / 10P |
3.3V and 5V Output-Voltage Application
Rev 1; 7/17 |
|
MAX17579EVKIT
|
970Kb / 14P |
in -15V and -5V Output-Voltage Applications
Rev 0; 4/21 |
|
MAX17673EVKIT
|
680Kb / 12P |
MAX17673 5V, 3.3V, 1.8V Output Applications
Rev 0; 11/18 |
|
MAX17673AEVKIT
|
959Kb / 13P |
MAX17673A 5V, 3.3V, 1.8V Output Applications
Rev 0; 1/20 |
|
MAX17643EVKIT
|
1Mb / 14P |
MAX17643 in 5V and 3.3V Output-Voltage Applications
Rev 0; 12/20 |