| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX6605
|
130Kb / 5P |
Low-Power Analog Temperature Sensor in SC70 Package
Rev 0; 10/00 |
|
MAX6613
|
114Kb / 6P |
Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 1; 11/03 |
|
MAX6612
|
124Kb / 5P |
High-Slope, Low-Power, Analog Temperature Sensor in an SC70 Package
Rev 0; 7/02 |
|
MAX6605
|
97Kb / 6P |
Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08 |
|
MAX6605
|
125Kb / 6P |
Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09 |
|
MAX3108
|
2Mb / 56P |
SPI/I2C UART with 128-Word FIFOs in WLP
Rev 1; 2/11 |
 Global Mixed-mode Techn... |
G711
|
45Kb / 1P |
Low-Voltage Analog Temperature Sensor in Tiny Package
|
 Maxim Integrated Produc... |
MAX3108A
|
1Mb / 56P |
SPI/I2C UART with 128-Word FIFOs in WLP
19-6449; Rev 1; 2/15 |
|
MAX3108
|
2Mb / 56P |
SPI/I2C UART with 128-Word FIFOs in WLP
19-5723; Rev 2; 1/13 |
|
MAX77839WEVKIT
|
863Kb / 10P |
Evaluates: MAX77839 in WLP Package
2021 |