| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX14874EVKIT
|
700Kb / 7P |
Operates from a Wide 4.5V to 36V Supply
Rev 0; 6/17 |
|
MAX17761EVKITA
|
843Kb / 8P |
Operates from a 4.5V to 76V Input Supply
Rev 0; 9/17 |
|
MAX17761EVKITB
|
804Kb / 8P |
Operates from a 6.5V to 76V Input Supply
Rev 0; 8/17 |
|
MAX8654EVKIT
|
699Kb / 13P |
Operates from 4.5V to 14V Supply
Rev 1; 10/08 |
|
MAX17502ETEVKIT
|
562Kb / 8P |
Operates from a 4.5V to 60V Input Supply
Rev 2; 11/17 |
|
MAX17501HTEVKIT
|
1Mb / 9P |
Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12 |
|
MAX17501ATEVKIT
|
1Mb / 10P |
Operates from a 4.5V to 60V Input Supply
Rev 1; 10/13 |
|
MAX14871EVKIT
|
3Mb / 16P |
Operates From a Wide 4.5V to 36V Supply
Rev 0; 6/15 |
|
MAX14851EVKIT
|
758Kb / 8P |
Operates from a Single Supply
Rev 0; 11/17 |
|
MAX14838EVKIT
|
694Kb / 6P |
Operates from a Wide 4.75V to 34V Supply
Rev 0; 8/16 |