| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
ISL33334E
|
820Kb / 23P |
Operates from a single 3.3V supply
October 21, 2016 |
 Maxim Integrated Produc... |
MAX14874EVKIT
|
700Kb / 7P |
Operates from a Wide 4.5V to 36V Supply
Rev 0; 6/17 |
|
MAX17761EVKITA
|
843Kb / 8P |
Operates from a 4.5V to 76V Input Supply
Rev 0; 9/17 |
|
MAX17761EVKITB
|
804Kb / 8P |
Operates from a 6.5V to 76V Input Supply
Rev 0; 8/17 |
|
MAX15108EVKIT
|
1Mb / 8P |
Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11 |
|
MAX17502FTEVKIT
|
734Kb / 8P |
Operates from a 7V to 60V Input Supply
Rev 2; 11/17 |
|
MAX17501HTEVKIT
|
1Mb / 9P |
Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12 |
|
MAX14871EVKIT
|
3Mb / 16P |
Operates From a Wide 4.5V to 36V Supply
Rev 0; 6/15 |
|
MAX14870EVKIT
|
414Kb / 7P |
Operates from a Wide 4.5V to 36V Supply
Rev 2; 10/19 |
|
MAX14851EVKIT
|
758Kb / 8P |
Operates from a Single Supply
Rev 0; 11/17 |