| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX5394MEVKIT
|
1Mb / 12P |
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13 |
|
MAX5395LEVKIT
|
733Kb / 12P |
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13 |
 Richtek Technology Corp... |
DS8008-07
|
388Kb / 14P |
2.5V to 5.5V Input Range
|
 Maxim Integrated Produc... |
MAX40006EVKIT
|
763Kb / 7P |
1.7V to 5.5V Supply Voltage Range
Rev 0; 10/16 |
|
MAX15101
|
1Mb / 9P |
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11 |
|
MAX17222EVKIT
|
484Kb / 7P |
400mV to 5.5V Input Range
Rev 5; 9/20 |
|
MAX25308EVKIT
|
671Kb / 8P |
1.7V to 5.5V Input Voltage Range
Rev 0; 4/21 |
|
MAX25222EVKIT
|
4Mb / 14P |
2.65V to 5.5V Input Range
Rev 0; 7/20 |
|
MAX40007EVKIT
|
830Kb / 7P |
1.7V to 5.5V Single-Supply Operation
Rev 0; 1/17 |
|
MAX25220EVKIT
|
4Mb / 12P |
2.65V to 5.5V Input Range
2021 |