| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX8805Y
|
468Kb / 21P |
600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07 |
|
MAX8805W
|
562Kb / 22P |
600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07 |
|
MAX8884Y
|
617Kb / 15P |
700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09 |
|
MAX8896
|
452Kb / 17P |
Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
Rev 0; 5/09 |
|
MAX8649
|
1Mb / 31P |
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09 |
|
MAX8884Y
|
525Kb / 17P |
700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10 |
|
MAX8649
|
1Mb / 31P |
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10 |
|
MAX8649
|
2Mb / 31P |
1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11 |
|
MAX8952
|
1Mb / 31P |
2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11 |
|
MAX8836Z
|
420Kb / 19P |
1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08 |