| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9700
|
532Kb / 19P |
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04 |
|
MAX9705
|
2Mb / 20P |
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05 |
|
MAX9712
|
536Kb / 18P |
500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04 |
|
MAX9700
|
340Kb / 20P |
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08 |
|
MAX9705
|
477Kb / 18P |
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09 |
|
MAX9746
|
343Kb / 16P |
1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06 |
 Texas Instruments |
LM48413
|
782Kb / 23P |
Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
|
 List of Unclassifed Man... |
NS4150
|
1Mb / 15P |
Low EMI,Filterless,3W Mono Class D Audio Amplifier
|
|
NS4148
|
1Mb / 16P |
Low EMI,Filterless,3W Mono Class D Audio Amplifier
|
 Maxim Integrated Produc... |
MAX9715
|
343Kb / 13P |
2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08 |