| Manufacturer | Part # | Datasheet | Description |
 Pomona Electronics |
5751L
|
43Kb / 1P |
80 Pin QFP Locking Test Clip
|
 Molex Electronics Ltd. |
1300700012
|
32Kb / 1P |
Mini-Change Power Locking Clip, 33.02mm Diameter
|
|
1300700020
|
32Kb / 1P |
Quick-Change Locking Clip, 44.96mm Diameter
|
 PHOENIX CONTACT |
1208432
|
44Kb / 2P |
Tool - SAC BIT M12-D15
|
|
1212513
|
46Kb / 2P |
Adapter - SAC BIT M12-W14
|
|
1424712
|
1Mb / 5P |
T distributor - SAC-5PT-F/F-M VP
|
|
1403330
|
68Kb / 3P |
Y distributor - SAC-5PY-F/M-F VP
|
|
1543773
|
53Kb / 2P |
Fuse clip - SAC-M12-EXCLIP
|
|
1558988
|
180Kb / 3P |
Locking clip - SAC-M12-EXCLIP-M
|
|
1419933
|
1Mb / 5P |
Y distributor - SAC-5PY-F/M-F VP SH
|