Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OGN Datasheet (PDF) - Schurter Inc.

Part # OGN
Description  Fuseholder Open Design, 5 x 20 mm, THT, var. Covers, IEC 60335-1
File Size   278.16 Kbytes
Html View  1   2   3 
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

OGN Datasheet (PDF) - Schurter Inc.



Similar Part No. - OGN

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OGN SCHURTER-OGN Datasheet
549Kb / 3P
Cover for Holder OGN, OGN-SMD
OGN SCHURTER-OGN Datasheet
211Kb / 2P
Fuse Carriage with Handle for OGN, OGN-SMD
28.10.2021
OGN SCHURTER-OGN Datasheet
474Kb / 5P
Fuseholder Open Design, 5 x 20 mm, THT, SMT, THR, IEC 60335-1
26.07.2022
OGN SCHURTER-OGN Datasheet
496Kb / 5P
Fuseholder Open Design, 5 x 20 mm, THT, SMT, THR, IEC 60335-1
13.06.2024
OGN-120-11-0 SCHURTER-OGN-120-11-0 Datasheet
496Kb / 5P
Fuseholder Open Design, 5 x 20 mm, THT, SMT, THR, IEC 60335-1
13.06.2024
More results


Similar Description - OGN

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPG6 SCHURTER-FPG6 Datasheet
404Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot, Press, IEC 60335-1
08539561 SCHURTER-08539561 Datasheet
416Kb / 2P
Fuseholder Open Design, 5 x 20 mm, THT, Cover
00318201 SCHURTER-00318201 Datasheet
484Kb / 3P
Fuseholder Open Design, 5 x 20 mm, THT, var. Covers, IEC 60335-1
OGN-SMD SCHURTER-OGN-SMD Datasheet
560Kb / 3P
Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
OGN-SMD SCHURTER-OGN-SMD_18 Datasheet
355Kb / 5P
Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
OGD SCHURTER-OGD_V01 Datasheet
269Kb / 3P
Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm, THT, VDE: 250/500 VAC, UL/CSA: 600 V, Cover, IEC 60335-1
15.09.2021
OGN-SMD SCHURTER-OGN-SMD_V01 Datasheet
365Kb / 5P
Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
15.09.2021
OGN-SMD SCHURTER-OGN-SMD_V02 Datasheet
365Kb / 5P
Fuseholder Open Design, 5 x 20 mm, SMD, var. Covers, IEC 60335-1
04.01.2022
0031.8001 SCHURTER-0031.8001_V01 Datasheet
226Kb / 2P
Fuseholder Open Design, 5 x 20 mm, THT, Cover
04.01.2022
OGN SCHURTER-OGN_V02 Datasheet
474Kb / 5P
Fuseholder Open Design, 5 x 20 mm, THT, SMT, THR, IEC 60335-1
26.07.2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com