| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
GV2L10
|
281Kb / 12P |
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, rotary handle, 6.3 A,screw clamp terminals
Aug 15, 2019 |
|
GV2ME06
|
220Kb / 9P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 1 to 1.6 A, screw clamp
Aug 11, 2019 |
|
GV2ME21
|
211Kb / 9P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 17 to 23 A, screw clamp
Aug 10, 2019 |
|
GV2ME32
|
204Kb / 9P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 24 to 32 A, screw clamp
Aug 17, 2019 |
|
GV2P14
|
207Kb / 9P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, rotaryhandle, 6 to 10 A, screw clamp
Aug 11, 2019 |
|
GV2P16
|
206Kb / 9P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, rotaryhandle, 9 to 14 A, screw clamp
Aug 15, 2019 |
|
GV2P21
|
206Kb / 9P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, rotaryhandle, 17 to 23 A, screw clamp
Aug 15, 2019 |
|
GV2LE10
|
280Kb / 11P |
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 6.3 A, screw clamp terminals
May 12, 2022 |
|
GV2RT14
|
180Kb / 5P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, toggle switch, 6.3??0 A, screw clamp terminals
May 12, 2022 |
|
GV2RT16
|
180Kb / 5P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, toggle switch, 9??4 A, screw clamp terminals
May 12, 2022 |